Part Number Hot Search : 
1N5774F 2SC3416 Z8420AD2 MM74HC00 1SS245 TC115 ZC830ATA 25025
Product Description
Full Text Search
 

To Download 50SMCJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20130822 5.0smcj series working voltage: 11 to 440 v peak pulse power: 5000 w ? ? ? ? ? ? ? ? ? ? ? ? surface mount transient voltage suppressors features glass passivated chip smc/ do-214ab 5000 w peak pulse power capability with a 10/1000  s waveform, repetitive rate (duty cycle):0.01 % low leakage uni and bidirectional unit excellent clamping capability very fast response time rohs compliant mechanical data case: molded plastic epoxy: ul 94v-0 rate flame retardant lead: solderable per mil-std-750, method 2026 polarity: color band denotes cathode end except bipolar mounting position: any 0.32 0.305 [ 8.02 7.64 ] 0.06 0.03 [ 1.51 0.75 ] 0.008 0 [ 0.20 0.00 ] 0.103 0.079 [ 2.59 1.98 ] 0.012 0.006 [ 0.30 0.15 ] 0.245 0.22 [ 6.15 5.52 ] 0.126 0.114 [ 3.16 2.86 ] 0.28 0.26 [ 7.02 6.52 ] dimensions : inch [ mm ] note: (3)v f <3.5v for devices of v br <200v and v f <5.0v for devices of v br >201v maximum ratings(t a =25 : unless otherwise noted) paramete r s y mbol value unit peak power dissipation with a 10/1000  s waveform (1) p pp 5000 w peak pulse current wih a 10/1000  s waveform (1) i pp see next table a power dissipation on infinite heatsink at t l = 75 c p d 6.5 w peak forward surge current, 8.3 ms single half sine- wave unidirectional only (2) i fsm 300 a maximum instantaneous forward voltage at 100 a for unidirectional only (3) v f 3.5/5.0 v operating junction and storage temperature range t j , t stg ?55 to +150 c (1)non-repetitive current pulse per fig.5 and derated above t a = 25 c per fig.1 (2)measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum 0.32 0.305 [ 8.02 7.64 ] 0.06 0.03 [ 1.51 0.75 ] 0.008 0 [ 0.20 0.00 ] 0.103 0.079 [ 2.59 1.98 ] 0.012 0.006 [ 0.30 0.15 ] 0.245 0.22 [ 6.15 5.52 ] 0.126 0.114 [ 3.16 2.86 ] 0.28 0.26 [ 7.02 6.52 ] dimensions : inch [ mm ]
http://www.yeashin.com 2 rev.02 20130822 5.0smcj series device characteristics ambie n average forward current, (a) 0 100 1 300 25 100 100 120 150 0 0 6.5 0.9 100 70 6.5 10000 2 ## 0 ratings and characteristics curves (t a =25 : unless otherwise noted) fig. 1 - pulse derating curve fig. 2 - maximum non-repetitive surge current 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 0 25 50 75 100 125 150 175 200 steady state power dissipation, (w) 100 150 200 250 300 1 10 100 peak forward surge current, (a) number of cycles at 60 hz t j = t j max. 8.3 ms single half sine-wave 0 25 50 75 100 0 25 50 75 100 125 150 175 200 peak pulse derating in percentage of peak power or current, (%) ambient temperature ,t a ( : ) 0.1 1 10 100 01 1 10 100 1000 10000 peak power (kw)  ?? 00 ??? ?? 0.2 100  ?? 0.5 76 ???? ? 1 50  ??? 1.5 33 ???? ?? 2 23  ??? 3 13 ???? ?? 4 10 fig. 5 - pulse waveform fig. 6 - typical junction capacitance fig. 3 - steady state power derating curve fig. 4 - peak pulse power rating curve 1 10 100 1000 10000 100000 1 10 100 1000 junction capacitance,c j (pf) reverse breakdown voltage,v br (v) uni-directional @v rwm bi-directional @v rwm t j =25 c f=1.0mhz 0.0 1.0 0 25 50 75 100 125 150 175 200 st e lead temperature , t l ( : ) 0 50 100 01234 peak pulse current , (% ) time , (ms) t j = 25 c c pulse width (td) is defined as the point where the peak current decays to 50 % of ipp 10/1000  sec. waveform as defined by r.e.a. peak value (ipp) half value = ipp 2 td tr=10  s bi-directional @zero bias uni-directional @zero bias 0.1 0.1 1 10 100 1000 10000 pulse width ,t d (  s)
http://www.yeashin.com 3 rev.02 20130822 5.0smcj series electrical characteristics uni bi min (v) max (v) i t (ma) 5.0smcj11 5.0smcj11c 5pdw 5bdw 12.20 14.90 10 800 11.0 248.8 20.1 5.0smcj11a 5.0smcj11ca 5pdx 5bdx 12.20 13.50 10 800 11.0 274.7 18.2 5.0smcj12 5.0smcj12c 5pdy 5bdy 13.30 16.30 10 800 12.0 227.3 22.0 5.0smcj12a 5.0smcj12ca 5pdz 5bdz 13.30 14.70 10 800 12.0 251.3 19.9 5.0smcj13 5.0smcj13c 5ped 5bed 14.40 17.60 10 500 13.0 210.1 23.8 5.0smcj13a 5.0smcj13ca 5pee 5bee 14.40 15.90 10 500 13.0 232.6 21.5 5.0smcj14 5.0smcj14c 5pef 5bef 15.60 19.10 10 200 14.0 193.8 25.8 5.0smcj14a 5.0smcj14ca 5peg 5beg 15.60 17.20 10 200 14.0 215.5 23.2 5.0smcj15 5.0smcj15c 5peh 5beh 16.70 20.40 1 100 15.0 185.9 26.9 5.0smcj15a 5.0smcj15ca 5pek 5bek 16.70 18.50 1 100 15.0 204.9 24.4 5.0smcj16 5.0smcj16c 5pel 5bel 17.80 21.80 1 50 16.0 173.6 28.8 5.0smcj16a 5.0smcj16ca 5pem 5bem 17.80 19.70 1 50 16.0 192.3 26.0 5.0smcj17 5.0smcj17c 5pen 5ben 18.90 23.10 1 20 17.0 163.9 30.5 5.0smcj17a 5.0smcj17ca 5pep 5bep 18.90 20.90 1 20 17.0 181.2 27.6 5.0smcj18 5.0smcj18c 5peq 5beq 20.00 24.40 1 10 18.0 155.3 32.2 5.0smcj18a 5.0smcj18ca 5per 5ber 20.00 22.10 1 10 18.0 171.2 29.2 5.0smcj19 5.0smcj19c 5pes 5bes 21.13 25.76 1 10 19.0 147.0 34.0 5.0smcj19a 5.0smcj19ca 5pet 5bet 21.10 23.30 1 10 19.0 162.4 30.8 5.0smcj20 5.0smcj20c 5peu 5beu 22.20 27.10 1 5 20.0 139.7 35.8 5.0smcj20a 5.0smcj20ca 5pev 5bev 22.20 24.50 1 5 20.0 154.3 32.4 5.0smcj22 5.0smcj22c 5pew 5bew 24.40 29.80 1 5 22.0 126.9 39.4 5.0smcj22a 5.0smcj22ca 5pex 5bex 24.40 26.90 1 5 22.0 140.8 35.5 5.0smcj24 5.0smcj24c 5pey 5bey 26.70 32.60 1 5 24.0 116.3 43.0 5.0smcj24a 5.0smcj24ca 5pez 5bez 26.70 29.50 1 5 24.0 128.5 38.9 5.0smcj26 5.0smcj26c 5pfd 5bfd 28.90 35.30 1 5 26.0 107.3 46.6 5.0smcj26a 5.0smcj26ca 5pfe 5bfe 28.90 31.90 1 5 26.0 118.8 42.1 5.0smcj28 5.0smcj28c 5pff 5bff 31.10 38.00 1 5 28.0 100.0 50.0 5.0smcj28a 5.0smcj28ca 5pfg 5bfg 31.10 34.40 1 5 28.0 110.1 45.4 5.0smcj30 5.0smcj30c 5pfh 5bfh 33.30 40.70 1 5 30.0 93.5 53.5 5.0smcj30a 5.0smcj30ca 5pfk 5bfk 33.30 36.80 1 5 30.0 103.3 48.4 5.0smcj33 5.0smcj33c 5pfl 5bfl 36.70 44.90 1 5 33.0 84.7 59.0 5.0smcj33a 5.0smcj33ca 5pfm 5bfm 36.70 40.60 1 5 33.0 93.8 53.3 5.0smcj36 5.0smcj36c 5pfn 5bfn 40.00 48.90 1 5 36.0 77.8 64.3 5.0smcj36a 5.0smcj36ca 5pfp 5bfp 40.00 44.20 1 5 36.0 86.1 58.1 5.0smcj40 5.0smcj40c 5pfq 5bfq 44.40 54.30 1 5 40.0 70.0 71.4 5.0smcj40a 5.0smcj40ca 5pfr 5bfr 44.40 49.10 1 5 40.0 77.5 64.5 5.0smcj43 5.0smcj43c 5pfs 5bfs 47.80 58.40 1 5 43.0 65.2 76.7 5.0smcj43a 5.0smcj43ca 5pft 5bft 47.80 52.80 1 5 43.0 72.0 69.4 5.0smcj45 5.0smcj45c 5pfu 5bfu 50.00 61.10 1 5 45.0 62.3 80.3 5.0smcj45a 5.0smcj45ca 5pfv 5bfv 50.00 55.30 1 5 45.0 68.8 72.7 5.0smcj48 5.0smcj48c 5pfw 5bfw 53.30 65.10 1 5 48.0 58.5 85.5 5.0smcj48a 5.0smcj48ca 5pfx 5bfx 53.30 58.90 1 5 48.0 64.6 77.4 5.0smcj51 5.0smcj51c 5pfy 5bfy 56.70 69.30 1 5 51.0 54.9 91.1 5.0smcj51a 5.0smcj51ca 5pfz 5bfz 56.70 62.70 1 5 51.0 60.7 82.4 5.0smcj54 5.0smcj54c 5pgd 5bgd 60.00 73.30 1 5 54.0 51.9 96.3 5.0smcj54a 5.0smcj54ca 5pge 5bge 60.00 66.30 1 5 54.0 57.4 87.1 5.0smcj58 5.0smcj58c 5pgf 5bgf 64.40 78.70 1 5 58.0 48.5 103.0 5.0smcj58a 5.0smcj58ca 5pgg 5bgg 64.40 71.20 1 5 58.0 53.4 93.6 5.0smcj60 5.0smcj60c 5pgh 5bgh 66.70 81.50 1 5 60.0 46.7 107.0 5.0smcj60a 5.0smcj60ca 5pgk 5bgk 66.70 73.70 1 5 60.0 51.7 96.8 5.0smcj64 5.0smcj64c 5pgl 5bgl 71.10 86.90 1 5 64.0 43.9 114.0 5.0smcj64a 5.0smcj64ca 5pgm 5bgm 71.10 78.60 1 5 64.0 48.5 103.0 note: 2. add suffix 'c 'or ' ca ' after part number to specify bi-directional devices 1. suffix 'a ' denotes 5% tolerance device. without 'a' denotes 10% tolerance device maximum reverse leakage i r @v rwm (ua) maximum reverse surge current i pp (a) maximum clamping voltage v c @i pp (v) electrical characteristics(t a =25 : unless otherwise noted) part number (uni) part number (bi) device marking code breakdown voltage v br @ i t working peak reverse voltage v rwm (v) 3. for bi-directional devices having v r of 10 volts and under, the i r limit is double
http://www.yeashin.com 4 rev.02 20130822 5.0smcj series uni bi min (v) max (v) i t (ma) 5.0smcj70 5.0smcj70c 5pgn 5bgn 77.80 95.10 1 5 70.0 40.0 125.0 5.0smcj70a 5.0smcj70ca 5pgp 5bgp 77.80 86.00 1 5 70.0 44.2 113.0 5.0smcj75 5.0smcj75c 5pgq 5bgq 83.30 102.0 1 5 75.0 37.3 134.0 5.0smcj75a 5.0smcj75ca 5pgr 5bgr 83.30 92.10 1 5 75.0 41.3 121.0 5.0smcj78 5.0smcj78c 5pgs 5bgs 86.70 106.0 1 5 78.0 36.0 139.0 5.0smcj78a 5.0smcj78ca 5pgt 5bgt 86.70 95.80 1 5 78.0 39.7 126.0 5.0smcj80 5.0smcj80c 5pga 5bga 88.96 108.8 1 5 80.0 34.9 143.2 5.0smcj80a 5.0smcj80ca 5pgb 5bgb 88.80 97.60 1 5 80.0 38.6 129.6 5.0smcj85 5.0smcj85c 5pgu 5bgu 94.40 115.0 1 5 85.0 33.1 151.0 5.0smcj85a 5.0smcj85ca 5pgv 5bgv 94.40 104.0 1 5 85.0 36.5 137.0 5.0smcj90 5.0smcj90c 5pgw 5bgw 100.0 122.0 1 5 90.0 31.3 160.0 5.0smcj90a 5.0smcj90ca 5pgx 5bgx 100.0 111.0 1 5 90.0 34.2 146.0 5.0smcj100 5.0smcj100c 5pgy 5bgy 111.0 136.0 1 5 100.0 27.9 179.0 5.0smcj100a 5.0smcj100ca 5pgz 5bgz 111.0 123.0 1 5 100.0 30.9 162.0 5.0smcj110 5.0smcj110c 5phd 5bhd 122.0 149.0 1 5 110.0 25.5 196.0 5.0smcj110a 5.0smcj110ca 5phe 5bhe 122.0 135.0 1 5 110.0 28.2 177.0 5.0smcj120 5.0smcj120c 5phf 5bhf 133.0 163.0 1 5 120.0 23.4 214.0 5.0smcj120a 5.0smcj120ca 5phg 5bhg 133.0 147.0 1 5 120.0 25.9 193.0 5.0smcj130 5.0smcj130c 5phh 5bhh 144.0 176.0 1 5 130.0 21.6 231.0 5.0smcj130a 5.0smcj130ca 5phk 5bhk 144.0 159.0 1 5 130.0 23.9 209.0 5.0smcj140 5.0smcj140c 5pha 5bha 155.7 190.4 1 5 140.0 20.0 250.6 5.0smcj140a 5.0smcj140ca 5phb 5bhb 155.0 171.0 1 5 140.0 22.0 226.8 5.0smcj150 5.0smcj150c 5phl 5bhl 167.0 204.0 1 5 150.0 18.7 268.0 5.0smcj150a 5.0smcj150ca 5phm 5bhm 167.0 185.0 1 5 150.0 20.6 243.0 5.0smcj160 5.0smcj160c 5phn 5bhn 178.0 218.0 1 5 160.0 17.4 287.0 5.0smcj160a 5.0smcj160ca 5php 5bhp 178.0 197.0 1 5 160.0 19.3 259.0 5.0smcj170 5.0smcj170c 5phq 5bhq 189.0 231.0 1 5 170.0 16.4 304.0 5.0smcj170a 5.0smcj170ca 5phr 5bhr 189.0 209.0 1 5 170.0 18.2 275.0 5.0smcj180 5.0smcj180c 5phs 5bhs 200.2 244.8 1 5 180.0 15.5 322.2 5.0smcj180a 5.0smcj180ca 5pht 5bht 200.0 220.0 1 5 180.0 17.1 291.6 5.0smcj190 5.0smcj190c 5phu 5bhu 211.3 258.4 1 5 190.0 14.7 340.1 5.0smcj190a 5.0smcj190ca 5phv 5bhv 211.0 232.0 1 5 190.0 16.2 307.8 5.0smcj200a 5.0smcj200ca 5phw 5bhw 224.0 247.0 1 5 200.0 15.4 324.0 5.0smcj220a 5.0smcj220ca 5phx 5bhx 246.0 272.0 1 5 220.0 14.0 356.0 5.0smcj250a 5.0smcj250ca 5phz 5bhz 279.0 309.0 1 5 250.0 12.3 405.0 5.0smcj300a 5.0smcj300ca 5pje 5bje 335.0 371.0 1 5 300.0 10.3 486.0 5.0smcj350a 5.0smcj350ca 5pjg 5bjg 391.0 432.0 1 5 350.0 8.8 567.0 5.0smcj400a 5.0smcj400ca 5pjk 5bjk 447.0 494.0 1 5 400.0 7.7 648.0 5.0smcj440a 5.0smcj440ca 5pjm 5bjm 492.0 543.0 1 5 440.0 7.0 713.0 working peak reverse voltage v rwm (v) maximum reverse surge current i pp (a) electrical characteristics(t a =25 : unless otherwise noted) part number (uni) part number (bi) device marking code maximum clamping voltage v c @i pp (v) breakdown voltage v br @ i t maximum reverse leakage i r @v rwm (ua) electrical characteristics


▲Up To Search▲   

 
Price & Availability of 50SMCJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X